PART |
Description |
Maker |
STL40C30H3LL |
N-channel 30 V, 0.019 Ohm typ., 10 A, P-channel 30 V, 0.024 Ohm typ., 8 A STripFET(TM) V Power MOSFET in a PowerFLAT(TM) 5x6 d. i. package
|
ST Microelectronics
|
STP80N20M5 STB80N20M5 |
N-channel 200 V, 0.019 Ohm typ., 61 A MDmesh(TM) V Power MOSFET in D2PAK Package 65 A, 200 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 200 V, 0.019 ohm, 61 A, TO-220, D2PAK
|
ST Microelectronics STMICROELECTRONICS
|
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
S6846 S10053 S6809 |
MOSFET, Switching; VDSS (V): 600; ID (A): 11; Pch : -; RDS (ON) typ. (ohm) @10V: 0.58; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1450; toff (µs) typ: -; Package: LDPAK (S)- (1) Light modulation photo IC 光调制照片集成电
|
Hamamatsu Photonics
|
HUF75332S3S HUF75332G3 HUF75332P3 |
60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs(60A, 55V, 0.019 Ω,N沟道,UltraFET功率MOS场效应管)
|
Intersil Corporation
|
STD40NF02L STD40NF02LT4 |
20 A, 20 V, 0.019 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-CHANNEL 20V - 0.0095 OHM - 40A DPAK LOW GATE CHARGE STRIPFET POWER MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
SIF912EDZ-T1-GE3 |
7.4 A, 30 V, 0.019 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 5 X 2 MM, ROHS COMPLIANT, POWERPAK-6
|
Vishay Intertechnology, Inc. VISHAY SILICONIX
|
STD50N03L-1 |
40 A, 30 V, 0.019 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AB
|
STMICROELECTRONICS
|
HPLR3103 |
52A/ 30V/ 0.019 Ohm/ N-Channel Logic Level/ Power MOSFETs 52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
|
Fairchild Semiconductor
|
SML10B75XX |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 75 A, 100 V, 0.019 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
STD7N52DK3 STF7N52DK3 STP7N52DK3 |
N-channel 525 V, 0.95 Ohm typ., 6 A SuperFREDmesh(TM) 3 Power MOSFET in DPAK package N-channel 525 V, 0.95 Ohm typ., 6 A SuperFREDmesh(TM) 3 Power MOSFET in TO-220FP package
|
ST Microelectronics
|
HUFA76432S3S HUFA76432P3 HUFA76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 55A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 55A条(丁)|63AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
|
Intersil, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|